Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L720 Datasheet (PDF) - Legrand North America, LLC

L720  Datasheet PDF - Legrand North America, LLC
Part # L720
Download  L720 Download
File Size   978.42 Kbytes
Page   4 Pages
Manufacturer  LEGRAND [Legrand North America, LLC]
Direct Link  https://www.legrand.us/
Logo LEGRAND - Legrand North America, LLC
Description Industrial Spec Grade Turnlok® Locking Devices 3 Wire 15, 20 & 30A; 125 & 250V, 277VAC

L720 Datasheet (PDF)

Go To PDF Page Download Datasheet
L720  Datasheet PDF - Legrand North America, LLC

Part # L720
Download  L720 Click to download

File Size   978.42 Kbytes
Page   4 Pages
Manufacturer  LEGRAND [Legrand North America, LLC]
Direct Link  https://www.legrand.us/
Logo LEGRAND - Legrand North America, LLC
Description Industrial Spec Grade Turnlok® Locking Devices 3 Wire 15, 20 & 30A; 125 & 250V, 277VAC

L720 Datasheet (HTML) - Legrand North America, LLC


L720 Product details

F E A T U R E S & B E N E F I T S
Industrial-strength, brass
alloy plug blades and
connector contacts resist
heat rise, provide excellent
conductivity.
L630C & L630P
Integral flexible rubber cord
grommet conforms to and seals around
SO cord to provide protection from oils,
water, or chips entering wiring chamber.
New-design external cord grips
provide visible assurance of safe
and proper cord retention.
Impact- and
corrosion-resistant
durable nylon 6/6
shell material.
Rounded back contour
reduces snags and hangups
on the job site.
Visible stamped NEMA
configuration and
device rating.
Double dovetail
design provides
superior protection
against cord
pull-out forces.
Scallop shell design
provides non-slip gripping
surface for insertion and
withdrawal.
Raised ribs provide non-slip gripping
profile for turning to lock and unlock.
Quick-thread assembly
screws and cord-grip screws
come backed-out, ready-to-wire.
Installs four times faster.




Similar Part No. - L720

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7200 STMICROELECTRONICS-L7200 Datasheet
262Kb / 23P
MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Sep-1999
logo
Intel Corporation
L7200 INTEL-L7200 Datasheet
1Mb / 91P
Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
STMicroelectronics
L7203 STMICROELECTRONICS-L7203 Datasheet
170Kb / 13P
SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED
Apr-2001
L7203S STMICROELECTRONICS-L7203S Datasheet
170Kb / 13P
SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED
Apr-2001
L7207 STMICROELECTRONICS-L7207 Datasheet
58Kb / 3P
Dual mode disk drive spindle and VCM motor driver
20-Apr-2006
More results


Similar Description - L720

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L630FI ETC2-L630FI Datasheet
156Kb / 3P
Turnlok Locking Devices Flanged Inlets Outlets
logo
Molex Electronics Ltd.
130145-0037 MOLEX11-130145-0037 Datasheet
54Kb / 1P
Safeway Connector with Locking Blade, 3 Pole/4 Wire, NEMA L15-20, 3 250V
130145-0017 MOLEX11-130145-0017 Datasheet
53Kb / 1P
Safeway Plug with Locking Blade, 3 Pole/4 Wire, NEMA L15-20, 3 250V
130146-0088 MOLEX11-130146-0088 Datasheet
52Kb / 1P
Watertite Plug with Locking Blade, 2 Pole/3 Wire, NEMA L6-15, 250V
1301450037 MOLEX11-1301450037 Datasheet
36Kb / 1P
Safeway Connector with Locking Blade, 3 Pole/4 Wire, NEMA L15-20, 3 250V
1301480106 MOLEX11-1301480106 Datasheet
40Kb / 1P
Safeway Duplex Receptacle, Spec Grade, 2 Pole/3 Wire, NEMA 6-20, 250V
1301490069 MOLEX11-1301490069 Datasheet
33Kb / 1P
Safeway Single Heavy Duty Corrosion-Resistant, Spec - Grade Receptacle, 2 Pole/3 Wire, NEMA L6-20, 250V
1301460106 MOLEX11-1301460106 Datasheet
46Kb / 1P
Watertite Connector with Locking Blade, 2 Pole/3 Wire, NEMA L6-15, 250V
1301460088 MOLEX11-1301460088 Datasheet
45Kb / 1P
Watertite Plug with Locking Blade, 2 Pole/3 Wire, NEMA L6-15, 250V
1301470027 MOLEX11-1301470027 Datasheet
33Kb / 1P
Watertite Plug with Locking Blade, 3 Pole/4 Wire, NEMA L15-20, 3 250V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com